Part Number Hot Search : 
2N201LF1 C74VH 028AEE X9116 BSN10A SP3495E CT2566 TE0131A
Product Description
Full Text Search
 

To Download HM55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
RopHtSlsr lian fo Com
ode `LF' M
Shielded Drum Compact Package Low Cost Inductors
* * * * Operating Temperature Range Ambient Temperature, Maximum Temperature Rise, Maximum Insulation System -40C to +155C 100C 50C Class F, 155C
280 ,847, US 6
Specifications
100 kHz @ 0 Adc H 10% 0.40 0.40 0.43 0.95 1.38 0.79 0.28 0.50 1.40 3.00 5.60 1.0 Inductance 100 kHz, 0.1 V @ Irated H Min. H Typ. 0.32 0.32 0.36 0.76 1.10 0.56 0.21 0.36 1.08 2.43 4.86 0.72 0.35 0.35 0.40 0.84 1.25 0.63 0.25 0.40 1.20 2.70 5.40 0.80 Irated (1) (Adc) 20 15 18 22.5 15 27 30 40 35 21 9 40 Isat (2) (Adc) 29 38 27 33 22 39 85 50 50 30 14 56 DCR (3) m 5% 1.00 1.75 0.77 1.28 2.26 1.20 0.72 0.90 0.98 2.60 7.30 1.25
Part Number HM55-12R40 HM55-14R40 HM55-21R43 HM55-21R95 HM55-211R3 HM55-22R79 HM55-24R28 HM55-26R50 HM55-311R4 HM55-313R0 HM55-315R6 HM55-321R0
Notes:
Dim D. (mm 0.5) 8.76 8.40 4.10 6.90 6.60 12.5 12.7 12.7 6.60 9.45 7.11 15.24
Dim. E (mm 0.1) 1.30 1.00 1.30 1.30 1.05 1.45 1.30 1.50 1.65 1.30 0.91 1.50
Fig. 2 2 1 1 1 2 2 2 1 1 1 2
(1) Rate current, Irated, is the approximate DC current at which inductance will be decreased by 20% from its initial (zero DC) value or the current at which T = 50C, whichever is lower. (2) Isat is the saturation current at which inductance rolls off approximately 30% from its initial value. (3) DC resistance is measured at 25C.
Outline Dimensions (Inch/mm)
Figure 1 Figure 2 Case Size 12 14
BI XXRXX YYWW
Fig. 2 2 1 2 2 2 1 2
BI XXRXX YYWW
21 22 24 26 31 32
Refer to Note (B)
Notes: (A) Refer to Specifications table for `D' & `E' dimensions of each model. (B) For case size 12 & 14, only BI logo & datecode will be printed.
A .295 7.50 .295 7.50 .413 10.5 .413 10.5 .413 10.5 .413 10.5 .532 13.5 .532 13.5
B .295 7.50 .295 7.50 .433 11.0 .413 10.5 .413 10.5 .413 10.5 .543 13.8 .532 13.5
C .433 11.0 .295 7.50 .413 10.5 .413 10.5 .295 7.50 .355 9.00 .532 13.5 .492 12.5
Packaging
Standard: Vacuum Tray Case Size
12, 14, 21 22 24 26 31, 32
Capacity Per Tray (Units)
40 44 50 45 44
Capacity Per Carton (Units)
560 660 600 630 572
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
19
Electrical Characteristics @ 25C
(A) Case size 12, 14, 21, 22 & 24
20
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Electrical Characteristics @ 25C (Cont'd)
(B) Case size 26, 31 & 32
Ordering Information
Model Series Case Size: 12 = Figure 2 14 = Figure 2 21 = Figure 1 22 = Figure 2
HM55
21
1R3
LF
Lead-Free Option: LF= Lead-Free (No code used for non lead-free part)
24 = Figure 2 26 = Figure 2 31 = Figure 1 32 = Figure 2
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point.
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
21


▲Up To Search▲   

 
Price & Availability of HM55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X